PART |
Description |
Maker |
AML59P4512 |
Gallium Nitride (GaN)
|
Microsemi
|
NPT1012 NPT1012-15 |
Gallium Nitride 28V, 25W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
NPT1010 NPT1010-15 |
Gallium Nitride 28V, 100W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu... List of Unclassifed Man...
|
NPT1015 NPT1015-15 |
Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution... M/A-COM Technology Solu...
|
WP710A10ID5V |
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
|
Kingbright Corporation
|
L680 DGSK8-025A DGS3-025AS DGS4-025A |
Gallium Arsenide Schottky Rectifier 5.4 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AC Gallium Arsenide Schottky Rectifier 5.4 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AB From old datasheet system
|
IXYS, Corp. IXYS[IXYS Corporation]
|
HHD25ZEB HHD25ZED HHD20YGE HHD20ZGB HHD20ZGE |
Coaxial Cable; Coaxial RG/U Type:402; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes HHD25系列20/25A,半砖DC / DC转换器输入双输出4V/48V HHD25 Series . 20/25A/ Half-Brick DC/DC Converter 24V/48V Input Dual Output HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output HHD25系列20/25A,半砖DC / DC转换器输入双输出4V/48V
|
GE Security, Inc. POWER-ONE[Power-One]
|
LTC1921 1921F LTC1921CS8 LTC1921IS8 LTC19211 LTC19 |
Dual 48V Supply and Fuse Monitor Dual ?48V Supply and Fuse Monitor From old datasheet system Dual -48V Supply and Fuse Monitor; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
RFP-10N50TV |
Aluminum Nitride Terminations
|
Anaren Microwave
|
DGSS10-06CC |
Gallium Arsenide Schottky Rectifier 11 A, 300 V, GALLIUM ARSENIDE, RECTIFIER DIODE
|
IXYS, Corp.
|